Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 431 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 431 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 429Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 430Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 431Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 432Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 433Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 434Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 435Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 483 page
background image
Peripherals
6.24.6 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.24.7 Slave mode pin configuration
The SCL and SDA signals associated with the TWI slave are mapped to physical pins according to the
configuration specified in the PSEL.SCL and PSEL.SDA registers respectively.
The PSEL.SCL and PSEL.SDA registers and their configurations are only used as long as the TWI slave is
enabled, and retained only as long as the device is in ON mode. When the peripheral is disabled, the pins
will behave as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n]
register. PSEL.SCL and PSEL.SDA must only be configured when the TWI slave is disabled.
To secure correct signal levels on the pins used by the TWI slave when the system is in OFF mode, and
when the TWI slave is disabled, these pins must be configured in the GPIO peripheral as described in GPIO
configuration before enabling peripheral on page 431.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
TWI slave signal
TWI slave pin
Direction
Output value
Drive strength
SCL
As specified in PSEL.SCL
Input
Not applicable
S0D1
SDA
As specified in PSEL.SDA
Input
Not applicable
S0D1
Table 90: GPIO configuration before enabling peripheral
6.24.8 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
TWIS
TWIS0
Two-wire interface slave
Table 91: Instances
Register
Offset
Description
TASKS_STOP
0x014
Stop TWI transaction
TASKS_SUSPEND
0x01C
Suspend TWI transaction
TASKS_RESUME
0x020
Resume TWI transaction
TASKS_PREPARERX
0x030
Prepare the TWI slave to respond to a write command
TASKS_PREPARETX
0x034
Prepare the TWI slave to respond to a read command
EVENTS_STOPPED
0x104
TWI stopped
EVENTS_ERROR
0x124
TWI error
EVENTS_RXSTARTED
0x14C
Receive sequence started
EVENTS_TXSTARTED
0x150
Transmit sequence started
EVENTS_WRITE
0x164
Write command received
EVENTS_READ
0x168
Read command received
SHORTS
0x200
Shortcut register
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x4D0
Error source
4430_161 v1.0
431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com