Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 410 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 410 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 406Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 407Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 408Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 409Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 410Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 411Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 412Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 413Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 414Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
AMOUNT
[1..0x3FF]
Number of bytes transferred in the last transaction
6.28.9.34 CONFIG
Address offset: 0x56C
Configuration of parity and hardware flow control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW HWFC
Hardware flow control
Disabled
0
Disabled
Enabled
1
Enabled
B
RW PARITY
Parity
Excluded
0x0
Exclude parity bit
Included
0x7
Include even parity bit
C
RW STOP
Stop bits
One
0
One stop bit
Two
1
Two stop bits
6.28.10 Electrical specification
6.28.10.1 UARTE electrical specification
Symbol
Description
Min.
Typ.
Max.
Units
fUARTE
Baud rate for UARTE33.
1000
kbps
tUARTE,CTSH
CTS high time
1
µs
tUARTE,START
Time from STARTRX/STARTTX task to transmission started
..
..
..
µs
6.29 WDT — Watchdog timer
A countdown watchdog timer using the low-frequency clock source (LFCLK) offers configurable and robust
protection against application lock-up.
The watchdog timer is started by triggering the START task.
The watchdog can be paused during long CPU sleep periods for low power applications and when the
debugger has halted the CPU. The watchdog is implemented as a down-counter that generates a TIMEOUT
event when it wraps over after counting down to 0. When the watchdog timer is started through the
START task, the watchdog counter is loaded with the value specified in the CRV register. This counter is
also reloaded with the value specified in the CRV register when a reload request is granted.
33 High baud rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
4454_140 v1.0
410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com