Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 412 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 412 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 408Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 409Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 410Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 411Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 412Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 413Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 414Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 415Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 416Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 444 page
background image
Peripherals
Register
Offset
Description
CONFIG
0x50C
Configuration register
RR[0]
0x600
Reload request 0
RR[1]
0x604
Reload request 1
RR[2]
0x608
Reload request 2
RR[3]
0x60C
Reload request 3
RR[4]
0x610
Reload request 4
RR[5]
0x614
Reload request 5
RR[6]
0x618
Reload request 6
RR[7]
0x61C
Reload request 7
Table 119: Register overview
6.29.4.1 TASKS_START
Address offset: 0x000
Start the watchdog
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start the watchdog
Trigger
1
Trigger task
6.29.4.2 EVENTS_TIMEOUT
Address offset: 0x100
Watchdog timeout
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_TIMEOUT
Watchdog timeout
NotGenerated
0
Event not generated
Generated
1
Event generated
6.29.4.3 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TIMEOUT
Write '1' to enable interrupt for event TIMEOUT
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
4454_140 v1.0
412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com