Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 291 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 291 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 294Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 295Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 483 page
background image
Peripherals
TXRU
3
1
A
S0 L S1
PAYLOAD
CRC
P
TX
TXDISABLE
A
S0 L S1
PAYLOAD
CRC
P
TX
2
(carrier)
(carrier)
TXIDLE
Figure 65: Transmission of multiple packets
6.14.9 Receive sequence
Before the RADIO is able to receive a packet, it must first ramp up in RX mode
See RXRU in Radio states on page 289 and Receive sequence on page 291. An RXRU ramp-up
sequence is initiated when the RXEN task is triggered. After the radio has successfully ramped up it
will generate the READY event indicating that a packet reception can be initiated. A packet reception is
initiated by triggering the START task. As illustrated in Radio states on page 289 the START task can, first
be triggered after the RADIO has entered into the RXIDLE state.
Receive sequence on page 291 illustrates a single packet reception where the CPU manually triggers
the different tasks needed to control the flow of the RADIO, i.e. no shortcuts are used. If shortcuts are not
used, a certain amount of delay, caused by CPU execution, is expected between READY and START, and
between END and DISABLE. As illustrated Receive sequence on page 291 the RADIO will be listening
and possibly receiving undefined data, illustrated with an 'X', from START and until a packet with valid
preamble (P) is received.
RXRU
3
1
2
RXIDLE
A
S0 L S1
PAYLOAD
CRC
P
RX
RXIDLE
RXDISABLE
’X’
Figure 66: Receive sequence
A slightly modified version of the receive sequence from Receive sequence on page 291 is illustrated
in Receive sequence using shortcuts to avoid delays on page 292 where the the RADIO is configured to
use shortcuts between READY and START, and between END and DISABLE, which means that no delay is
introduced.
4430_161 v1.0
291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com