Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 295 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 295 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 294Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 295Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 296Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 297Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 298Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 299Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 483 page
background image
Peripherals
Register
Offset
Description
DAI
0x410
Device address match index
PACKETPTR
0x504
Packet pointer
FREQUENCY
0x508
Frequency
TXPOWER
0x50C
Output power
MODE
0x510
Data rate and modulation
PCNF0
0x514
Packet configuration register 0
PCNF1
0x518
Packet configuration register 1
BASE0
0x51C
Base address 0
BASE1
0x520
Base address 1
PREFIX0
0x524
Prefixes bytes for logical addresses 0-3
PREFIX1
0x528
Prefixes bytes for logical addresses 4-7
TXADDRESS
0x52C
Transmit address select
RXADDRESSES
0x530
Receive address select
CRCCNF
0x534
CRC configuration
CRCPOLY
0x538
CRC polynomial
CRCINIT
0x53C
CRC initial value
0x540
Reserved
TIFS
0x544
Inter Frame Spacing in us
RSSISAMPLE
0x548
RSSI sample
STATE
0x550
Current radio state
DATAWHITEIV
0x554
Data whitening initial value
BCC
0x560
Bit counter compare
DAB[0]
0x600
Device address base segment 0
DAB[1]
0x604
Device address base segment 1
DAB[2]
0x608
Device address base segment 2
DAB[3]
0x60C
Device address base segment 3
DAB[4]
0x610
Device address base segment 4
DAB[5]
0x614
Device address base segment 5
DAB[6]
0x618
Device address base segment 6
DAB[7]
0x61C
Device address base segment 7
DAP[0]
0x620
Device address prefix 0
DAP[1]
0x624
Device address prefix 1
DAP[2]
0x628
Device address prefix 2
DAP[3]
0x62C
Device address prefix 3
DAP[4]
0x630
Device address prefix 4
DAP[5]
0x634
Device address prefix 5
DAP[6]
0x638
Device address prefix 6
DAP[7]
0x63C
Device address prefix 7
DACNF
0x640
Device address match configuration
MODECNF0
0x650
Radio mode configuration register 0
POWER
0xFFC
Peripheral power control
Table 61: Register Overview
6.14.14.1 SHORTS
Address offset: 0x200
Shortcut register
4430_161 v1.0
295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com