Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 292 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 292 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 294Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 295Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 296Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 483 page
background image
Peripherals
RXRU
2
1
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
’X’
Figure 67: Receive sequence using shortcuts to avoid delays
The RADIO is able to receive multiple packets one after the other without having to disable and re-enable
the RADIO between packets, this is illustrated Reception of multiple packets on page 292.
RXRU
3
1
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
A
S0 L S1
PAYLOAD
CRC
P
RX
2
’X’
’X’
RXIDLE
Figure 68: Reception of multiple packets
6.14.10 Received signal strength indicator (RSSI)
A mechanism for measuring the power in the received radio signal is implemented. This feature is called
received signal strength indicator (RSSI).
Sampling of the received signal strength is started by using the RSSISTART task. The sample can be read
from the RSSISAMPLE register.
The sample period of the RSSI is defined by RSSIPERIOD, see the device product specification for details. The
RSSI sample will hold the average received signal strength during this sample period.
For the RSSI sample to be valid, the radio has to be enabled in the receive mode (RXEN task) and the
reception has to be started (READY event followed by START task).
6.14.11 Interframe spacing
Interframe spacing is the time interval between two consecutive packets.
It is defined as the time (in microseconds) from the end of the last bit of the previous packet received and
to the start of the first bit of the subsequent packet that is transmitted. The radio is able to enforce this
interval as specified in the TIFS register as long as TIFS is not specified to be shorter than the radio’s turn-
around time, i.e. the time needed to switch off the receiver, and switch back on the transmitter.
4430_161 v1.0
292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com