Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 348 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 348 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 344Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 345Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 346Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 347Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 348Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 352Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 444 page
background image
Peripherals
Channel
Type
Register Cluster
TXD
READER
TXD
RXD
WRITER
RXD
Table 103: TWIM EasyDMA Channels
For detailed information regarding the use of EasyDMA, see EasyDMA on page 35.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next RX/
TX transmission immediately after having received the RXSTARTED/TXSTARTED event.
The STOPPED event indicates that EasyDMA has finished accessing the buffer in RAM.
6.25.2 Master write sequence
A TWI master write sequence is started by triggering the STARTTX task. After the STARTTX task has been
triggered, the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 0 (WRITE=0, READ=1).
The address must match the address of the slave device that the master wants to write to. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK=1) generated by the slave.
After receiving the ACK bit, the TWI master will clock out the data bytes found in the transmit buffer
located in RAM at the address specified in the TXD.PTR register. Each byte clocked out from the master will
be followed by an ACK/NACK bit clocked in from the slave.
A typical TWI master write sequence is illustrated in TWI master writing data to a slave on page 348.
Occurrence 2 in the figure illustrates clock stretching performed by the TWI master following a SUSPEND
task.
A SUSPENDED event indicates that the SUSPEND task has taken effect; this event can be used to
synchronize the software.
1
3
2
ADDR
0
N-1
N
2
4
1
Stretch
Figure 131: TWI master writing data to a slave
The TWI master will generate a LASTTX event when it starts to transmit the last byte, this is illustrated in
TWI master writing data to a slave on page 348
The TWI master is stopped by triggering the STOP task, this task should be triggered during the
transmission of the last byte to secure that the TWI will stop as fast as possible after sending the last byte.
It is safe to use the shortcut between LASTTX and STOP to accomplish this.
4454_140 v1.0
348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com