Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 350 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 350 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 346Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 347Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 348Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 352Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 353Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 354Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 444 page
background image
Peripherals
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 132: The TWI master reading data from a slave
6.25.4 Master repeated start sequence
A typical repeated start sequence is one in which the TWI master writes two bytes to the slave followed by
reading four bytes from the slave. This example uses shortcuts to perform the simplest type of repeated
start sequence, i.e. one write followed by one read. The same approach can be used to perform a
repeated start sequence where the sequence is read followed by write.
The figure A repeated start sequence, where the TWI master writes two bytes followed by reading 4 bytes
from the slave on page 350 illustrates this:
1
ADDR
0
3
2
ADDR
0
1
1
2
Figure 133: A repeated start sequence, where the TWI master
writes two bytes followed by reading 4 bytes from the slave
If a more complex repeated start sequence is needed and the TWI firmware drive is serviced in a low
priority interrupt it may be necessary to use the SUSPEND task and SUSPENDED event to guarantee that
the correct tasks are generated at the correct time. This is illustrated in A double repeated start sequence
using the SUSPEND task to secure safe operation in low priority interrupts on page 351.
4454_140 v1.0
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com