Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 349 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 349 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 345Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 346Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 347Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 348Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 352Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 353Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 444 page
background image
Peripherals
Note that the TWI master does not stop by itself when the whole RAM buffer has been sent, or when an
error occurs. The STOP task must be issued, through the use of a local or PPI shortcut, or in software as
part of the error handler.
The TWI master cannot get stopped while it is suspended, so the STOP task has to be issued after the TWI
master has been resumed.
6.25.3 Master read sequence
A TWI master read sequence is started by triggering the STARTRX task. After the STARTRX task has been
triggered the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 1 (WRITE = 0, READ = 1). The address must match the address of
the slave device that the master wants to read from. The READ/WRITE bit is followed by an ACK/NACK bit
(ACK=0 or NACK = 1) generated by the slave.
After having sent the ACK bit the TWI slave will send data to the master using the clock generated by the
master.
Data received will be stored in RAM at the address specified in the RXD.PTR register. The TWI master will
generate an ACK after all but the last byte received from the slave. The TWI master will generate a NACK
after the last byte received to indicate that the read sequence shall stop.
A typical TWI master read sequence is illustrated in The TWI master reading data from a slave on page
350. Occurrence 2 in the figure illustrates clock stretching performed by the TWI master following a
SUSPEND task.
A SUSPENDED event indicates that the SUSPEND task has taken effect; this event can be used to
synchronize the software.
The TWI master will generate a LASTRX event when it is ready to receive the last byte, this is illustrated
in The TWI master reading data from a slave on page 350. If RXD.MAXCNT > 1 the LASTRX event is
generated after sending the ACK of the previously received byte. If RXD.MAXCNT = 1 the LASTRX event is
generated after receiving the ACK following the address and READ bit.
The TWI master is stopped by triggering the STOP task, this task must be triggered before the NACK bit is
supposed to be transmitted. The STOP task can be triggered at any time during the reception of the last
byte. It is safe to use the shortcut between LASTRX and STOP to accomplish this.
Note that the TWI master does not stop by itself when the RAM buffer is full, or when an error occurs. The
STOP task must be issued, through the use of a local or PPI shortcut, or in software as part of the error
handler.
The TWI master cannot get stopped while it is suspended, so the STOP task has to be issued after the TWI
master has been resumed.
4454_140 v1.0
349



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com