Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 351 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 351 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 347Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 348Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 352Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 353Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 354Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 355Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 444 page
background image
Peripherals
1
ADDR
0
0
1
5
ADDR
0
2
4
Stretch
ADDR
3
Figure 134: A double repeated start sequence using the
SUSPEND task to secure safe operation in low priority interrupts
6.25.5 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.25.6 Master mode pin configuration
The SCL and SDA signals associated with the TWI master are mapped to physical pins according to the
configuration specified in the PSEL.SCL and PSEL.SDA registers respectively.
The PSEL.SCL and PSEL.SDA registers and their configurations are only used as long as the TWI master is
enabled, and retained only as long as the device is in ON mode. When the peripheral is disabled, the pins
will behave as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n]
register. PSEL.SCL, PSEL.SDA must only be configured when the TWI master is disabled.
To secure correct signal levels on the pins used by the TWI master when the system is in OFF mode, and
when the TWI master is disabled, these pins must be configured in the GPIO peripheral as described in
GPIO configuration before enabling peripheral on page 351.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
TWI master signal
TWI master pin
Direction
Output value
Drive strength
SCL
As specified in PSEL.SCL
Input
Not applicable
S0D1
SDA
As specified in PSEL.SDA
Input
Not applicable
S0D1
Table 104: GPIO configuration before enabling peripheral
6.25.7 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
TWIM
TWIM0
Two-wire interface master
Table 105: Instances
4454_140 v1.0
351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com