Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FDH20/002 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 29Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 30Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 31Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 32Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 33Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 34Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 35Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 36Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
33 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
Table 9.
LPC1100 and LPC1100L series: LPC1111/12/13/14 pin description table (HVQFN33 package)
Symbol
Pin
Start
logic
input
Type
Reset
state
[1]
Description
PIO0_0 to PIO0_11
Port 0 — Port 0 is a 12-bit I/O port with individual direction and
function controls for each bit. The operation of port 0 pins depends on
the function selected through the IOCONFIG register block.
RESET/PIO0_0
2[2]
yes
I
I;PU
RESET — External reset input with 20 ns glitch filter. A LOW-going
pulse as short as 50 ns on this pin resets the device, causing I/O ports
and peripherals to take on their default states and processor execution
to begin at address 0.
In deep power-down mode, this pin must be pulled HIGH externally.
The RESET pin can be left unconnected or be used as a GPIO pin if
an external RESET function is not needed and Deep power-down
mode is not used.
I/O
-
PIO0_0 — General purpose digital input/output pin with 10 ns glitch
filter.
PIO0_1/CLKOUT/
CT32B0_MAT2
3[3]
yes
I/O
I;PU
PIO0_1 — General purpose digital input/output pin. A LOW level on
this pin during reset starts the ISP command handler.
O-
CLKOUT — Clock out pin.
O-
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
PIO0_2/SSEL0/
CT16B0_CAP0
8[3]
yes
I/O
I;PU
PIO0_2 — General purpose digital input/output pin.
I/O
-
SSEL0 — Slave select for SPI0.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO0_3
9[3]
yes
I/O
I;PU
PIO0_3 — General purpose digital input/output pin.
PIO0_4/SCL
10[4]
yes
I/O
I;IA
PIO0_4 — General purpose digital input/output pin (open-drain).
I/O
-
SCL — I2C-bus, open-drain clock input/output. High-current sink only
if I2C Fast-mode Plus is selected in the I/O configuration register.
PIO0_5/SDA
11[4]
yes
I/O
I;IA
PIO0_5 — General purpose digital input/output pin (open-drain).
I/O
-
SDA — I2C-bus, open-drain data input/output. High-current sink only if
I2C Fast-mode Plus is selected in the I/O configuration register.
PIO0_6/SCK0
15[3]
yes
I/O
I;PU
PIO0_6 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
PIO0_7/CTS
16[3]
yes
I/O
I;PU
PIO0_7 — General purpose digital input/output pin (high-current
output driver).
I-
CTS — Clear To Send input for UART.
PIO0_8/MISO0/
CT16B0_MAT0
17[3]
yes
I/O
I;PU
PIO0_8 — General purpose digital input/output pin.
I/O
-
MISO0 — Master In Slave Out for SPI0.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI0/
CT16B0_MAT1
18[3]
yes
I/O
I;PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI0 — Master Out Slave In for SPI0.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
SWCLK/PIO0_10/
SCK0/
CT16B0_MAT2
19[3]
yes
I
I;PU
SWCLK — Serial wire clock.
I/O
-
PIO0_10 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com