Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FDH20/002 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 80Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 81Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 82Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 83Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 84Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 85Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 86Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 87Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
84 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
10.9 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code is executed. Measured on a typical sample at Tamb =25 C. Unless
noted otherwise, the system oscillator and PLL are running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz and 48 MHz.
Table 21.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in
mA
Notes
n/a
12 MHz
48 MHz
IRC
0.27
-
-
System oscillator running; PLL off; independent
of main clock frequency.
System oscillator
at 12 MHz
0.22
-
-
IRC running; PLL off; independent of main clock
frequency.
Watchdog
oscillator at
500 kHz/2
0.004
-
-
System oscillator running; PLL off; independent
of main clock frequency.
BOD
0.051
-
-
Independent of main clock frequency.
Main PLL
-
0.21
-
ADC
-
0.08
0.29
CLKOUT
-
0.12
0.47
Main clock divided by 4 in the CLKOUTDIV
register.
CT16B0
-
0.02
0.06
CT16B1
-
0.02
0.06
CT32B0
-
0.02
0.07
CT32B1
-
0.02
0.06
GPIO
-
0.23
0.88
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
IOCONFIG
-
0.03
0.10
I2C
-
0.04
0.13
ROM
-
0.04
0.15
SPI0
-
0.12
0.45
SPI1
-
0.12
0.45
UART
-
0.22
0.82
WDT/WWDT
-
0.02
0.06
Main clock selected as clock source for the
WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com