Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FDH20/002 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 74Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 75Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 76Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 77Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 78Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 79Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 80Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 81Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
78 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
10.7 Power consumption LPC1100XL series
(LPC111x/103/203/303/323/333)
[1]
WDT OSC enabled, VDD = 3.3 V, Temp = 25 C.
Low-current mode PWR_LOW_CURRENT selected when running the set_power routine in the power profiles.
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled,
IRC disabled, System Oscillator disabled, System PLL disabled, BOD disabled.
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks to UART and SPI0/1 disabled in system configuration
block.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
Table 20.
Power consumption at very low frequencies using the watchdog oscillator
Symbol
Parameter
Conditions[1]
Min
Typ[2]
Max
Unit
IDD
supply current
Active mode; code
while(1){}
executed from flash
system clock = 8.8 kHz
-
275
-
A
system clock = 257 kHz
-
305
-
A
system clock = 515 kHz
-
335
-
A
system clock = 784 kHz
-
368
-
A
system clock = 1028 kHz
-
396
-
A
system clock = 2230 kHz
-
538
-
A
Sleep mode;
system clock = 8.8 kHz
-
274
-
A
system clock = 257 kHz
-
285
-
A
system clock = 515 kHz
-
295
-
A
system clock = 784 kHz
-
309
-
A
system clock = 1028 kHz
-
317
-
A
system clock = 2230 kHz
-
368
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com