Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FDH20/002 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 70Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 71Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 72Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 73Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 74Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 75Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 76Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 77Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
74 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
Conditions: BOD disabled; all oscillators and analog blocks disabled in the PDSLEEPCFG register
(PDSLEEPCFG = 0x0000 18FF).
Fig 21. Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VDD (for LPC111x/101/201/301)
Fig 22. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD (for LPC111x/101/201/301)
002aaf394
temperature (
°C)
−40
85
35
10
60
−15
10
30
20
40
IDD
(
μA)
0
3.6 V
3.3 V
2.0 V
1.8 V
002aaf457
0.2
0.6
0.4
0.8
IDD
(
μA)
0
temperature (
°C)
−40
85
35
10
60
−15
VDD = 3.6 V
3.3 V
2.0 V
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com