Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FDH20/002 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 36Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 37Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 38Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 39Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 40Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 41Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 42Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 43Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
40 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
[1]
Pin state at reset for default function: I = Input; O = Output; PU = internal pull-up enabled (pins pulled up to full VDD level (VDD = 3.3 V));
IA = inactive, no pull-up/down enabled.
[2]
5 V tolerant pad. RESET functionality is not available in Deep power-down mode. Use the WAKEUP pin to reset the chip and wake up
from Deep power-down mode. An external pull-up resistor is required on this pin for the Deep power-down mode. See Figure 52 for the
reset pad configuration.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 51).
[4]
I2C-bus pads compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus. The pin requires an external
pull-up to provide output functionality. When power is switched off, this pin is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin.
[5]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled and the pin is not 5 V tolerant (see Figure 51).
[6]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
PIO3_2/DCD/
CT16B0_MAT2/
SCK1
43[3]
A4[3]
no
I/O
I; PU
PIO3_2 — General purpose digital input/output pin.
I-
DCD — Data Carrier Detect input for UART.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
I/O
-
SCK1 — Serial clock for SPI1.
PIO3_3/RI/
CT16B0_CAP0
48[3]
A2[3]
no
I/O
I; PU
PIO3_3 — General purpose digital input/output pin.
I-
RI — Ring Indicator input for UART.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO3_4/
CT16B0_CAP1/RXD
18[3]
H4[3]
no
I/O
I; PU
PIO3_4 — General purpose digital input/output pin.
I-
CT16B0_CAP1 — Capture input 1 for 16-bit timer 0.
I-
RXD — Receiver input for UART
PIO3_5/
CT16B1_CAP1/TXD
21[3]
G6[3]
no
I/O
I; PU
PIO3_5 — General purpose digital input/output pin.
I-
CT16B1_CAP1 — Capture input 1 for 16-bit timer 1.
O-
TXD — Transmitter output for UART
VDD
8; 44
E2;
B4
-
I
-
3.3 V supply voltage to the internal regulator, the
external rail, and the ADC. Also used as the ADC
reference voltage.
XTALIN
6[6]
D1[6]
-
I
-
Input to the oscillator circuit and internal clock generator
circuits. Input voltage must not exceed 1.8 V.
XTALOUT
7[6]
E1[6]
-
O
-
Output from the oscillator amplifier.
VSS
5; 41
D2;
B5
-
I
-
Ground.
Table 10.
LPC1100XL series: LPC1113/14/15 pin description table (LQFP48 and TFBGA48 package) …continued
Symbol
Start
logic
input
Type
Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com