Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7056A/N2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7056A/N2
Description  3 W BTL mono audio output amplifier with DC volume control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7056A/N2 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7056A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
July 1994
2
NXP Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins.
GENERAL DESCRIPTION
The TDA7056A is a mono BTL output amplifier with DC
volume control. It is designed for use in TV and monitors,
but also suitable for battery-fed portable recorders and
radios.
Missing Current Limiter (MCL)
A MCL protection circuits is built-in. The MCL circuit is
activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA (typical
300 mA). This level of 100 mA allows for headphone
applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT110-1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
4.5
−
18
V
PO
output power
RL = 16 Ω; VP = 12 V
3
3.5
−
W
Gv
voltage gain
34.5
35.5
36.5
dB
φ
gain control range
75
80
−
dB
IP
total quiescent current
VP = 12 V; RL = ∞−
816
mA
THD
total harmonic distortion
VP = 0.5 W
−
0.3
1
%
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA7056A
9
SIL
plastic
SOT110(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com