Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7056A/N2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA7056A/N2
Description  3 W BTL mono audio output amplifier with DC volume control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7056A/N2 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA7056A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
July 1994
5
NXP Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
CHARACTERISTICS
VP = 12 V; f = 1 kHz; RL = 16 Ω; Tamb = 25 °C; unless otherwise specified (see Fig.6)
Notes to the characteristics
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage divided by RL.
2. The noise output voltage (RMS value) at f = 500 kHz is measured with RS = 0 Ω and bandwidth = 5 kHz.
3. The ripple rejection is measured with RS = 0 Ω and f = 100 Hz to 10 kHz. The ripple voltage of 200 mV (RMS value)
is applied to the positive supply rail.
4. The noise output voltage (RMS value) is measured with RS = 5 kΩ unweighted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
4.5
−
18
V
IP
total quiescent current
VP = 12 V; RL = ∞; note 1 −
816
mA
Maximum gain (V5 = 1.4 V)
PO
output power
THD = 10%; RL = 16 Ω
33.5
−
W
THD = 10%; RL = 8 Ω−
5.2
−
W
THD
total harmonic distortion
PO = 0.5 W
−
0.3
1
%
Gv
voltage gain
34.5
35.5
36.5
dB
VI
input signal handling
V5 = 0.8 V;THD < 1%
0.5
0.65
−
V
Vno(rms)
noise output voltage (RMS value)
f = 500 kHz; note 2
−
210
−μV
B
bandwidth
at
−1 dB
−
20 Hz to
300 kHz
−
SVRR
supply voltage ripple rejection
note 3
38
46
−
dB
|V
off|
DC output offset voltage
−
0150
mV
ZI
input impedance pin 3
15
20
25
k
Ω
Minimum gain (V5 = 0.5 V)
Gv
voltage gain
−−44
−
dB
Vno(rms)
noise output voltage (RMS value)
note 4
−
20
30
μV
Mute position
VO
output voltage in mute position
V5 ≤ 0.3 V; VI = 600 mV
−−
30
μV
DC volume control
φ
gain control range
75
80
−
dB
I5
control current
V5 = 0 V
60
70
80
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com