Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7056A/N2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA7056A/N2
Description  3 W BTL mono audio output amplifier with DC volume control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7056A/N2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA7056A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 9Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
July 1994
6
NXP Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
Fig.3 Gain as a function of DC volume control.
handbook, halfpage
MGA075
40
– 80
20
– 20
– 40
0
0
1.2
2.0
0.4
1.6
0.8
V
(V)
5
gain
(dB)
– 60
Fig.4 Noise output voltage as a function of DC
volume control.
handbook, halfpage
1000
0
800
400
200
600
0
1.2
2.0
MGA076 - 1
0.4
1.6
0.8
V (V)
5
V
noise
(
μV)
Fig.5 Control current as a function of DC volume
control.
handbook, halfpage
0
1.2
2.0
100
– 20
MGA077 - 1
60
20
– 60
– 100
0.4
1.6
0.8
V (V)
5
I5
(
μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com