Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7056A/N2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA7056A/N2
Description  3 W BTL mono audio output amplifier with DC volume control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7056A/N2 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA7056A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
July 1994
3
NXP Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
handbook, full pagewidth
positive input
7
MGA072 - 1
2
3
TDA7056A
VP
5
6
I + i
8
I – i
TEMPERATURE
PROTECTION
4
signal
ground
DC volume control
1
n.c.
positive output
negative output
power
ground
V
ref
STABILIZER
9
n.c.
Fig.1 Block diagram.
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
VP
2
positive supply voltage
VI
3
voltage input
GND1
4
signal ground
VC
5
DC volume control
OUT
+
6
positive output
GND2
7
power ground
OUT
−
8
negative output
n.c.
9
not connected
Fig.2 Pin configuration.
handbook, halfpage
MGA071
1
2
3
4
5
6
7
8
9
I
V
TDA7056A
n.c.
VP
OUT
−
GND2
OUT
+
GND1
VC
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com