Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7056A/N2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7056A/N2
Description  3 W BTL mono audio output amplifier with DC volume control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7056A/N2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7056A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA7056A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
July 1994
4
NXP Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
FUNCTIONAL DESCRIPTION
The TDA7056A is a mono BTL output amplifier with DC
volume control, designed for use in TV and monitor but
also suitable for battery-fed portable recorders and radios.
In conventional DC volume circuits the control or input
stage is AC coupled to the output stage via external
capacitor to keep the offset voltage low.
In the TDA7056A the DC volume stage is integrated into
the input stage so that coupling capacitors are not required
and a low offset voltage is maintained.
At the same time the minimum supply voltage remains low.
The BTL principle offers the following advantages:
• lower peak value of the supply current
• the frequency of the ripple on the supply voltage is twice
the signal frequency
Thus, a reduced power supply and smaller capacitors can
be used which results in cost savings.
For portable applications there is a trend to decrease the
supply voltage, resulting in a reduction of output power at
conventional output stages. Using the BTL principle
increases the output power.
The maximum gain of the amplifier is fixed at 35.5 dB. The
DC volume control stage has a logarithmic control
characteristic.
The total gain can be controlled from 35.5 dB to
−44 dB.
If the DC volume control voltage is below 0.3 V, the device
switches to the mute mode.
The amplifier is short-circuit proof to ground, VP and
across the load. A thermal protection circuit is also
implemented. If the crystal temperature rises above
+150 °C the gain will be reduced, thereby reducing the
output power.
Special attention is given to switch-on and off clicks, low
HF radiation and a good overall stability.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note to the thermal resistance
VP = 12 V; RL = 16 Ω; The maximum sine-wave dissipation is = 1.8 W. The Rth vj-a of the package is 55 K/W;
Tamb (max) = 150 − 55 x 1.8 = 51 °C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage range
−
18
V
IORM
repetitive peak output current
−
1.25
A
IOSM
non repetitive peak output current
−
1.5
A
Ptot
total power dissipation
Tcase < 60 °C
−
9W
Tamb
operating ambient temperature range
−40
+85
°C
Tstg
storage temperature range
−55
+150
°C
Tvj
virtual junction temperature
−
+150
°C
Tsc
short-circuit time
−
1hr
V3
input voltage pin 3
−
8V
V5
input voltage pin 5
−
8V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
55 K/W
Rth j-c
from junction to case
10 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com