Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C540FP-A Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 62Page - STMicroelectronics ST75C540FP-A Datasheet HTML 63Page - STMicroelectronics ST75C540FP-A Datasheet HTML 64Page - STMicroelectronics ST75C540FP-A Datasheet HTML 65Page - STMicroelectronics ST75C540FP-A Datasheet HTML 66Page - STMicroelectronics ST75C540FP-A Datasheet HTML 67Page - STMicroelectronics ST75C540FP-A Datasheet HTML 68Page - STMicroelectronics ST75C540FP-A Datasheet HTML 69Page - STMicroelectronics ST75C540FP-A Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
These flowcharts show two CPU variables labeled
IBUF and Tx_Completed, they are necessary for
the understanding of the mechanism, but there is
different manners to implement it. These two vari-
ables have the following meanning :
- IBUF : Thisis the numberof the DUALRAM Buffer
currently in use by the Host processor. It starts
with 0 and then alternate 1, 0, 1, 0, ...
- Tx_Completed : This is a Flag to dialog with the
interrupt process in order to stop properly the
transmition.
The other Buffers are sent under interrupt control
(refer to the interrupt flow chart, Figure 30).
To stop properly the transmition, without loss of
Data (see Figure 31).
XI - TRANSMITTING DATA IN PARALLEL MODE (continued)
RETURN
EXECUTE_IT_TRANSMIT
No
Yes
Tx_COMPLETED ?
No
Yes
IBUF = 1
WRITE AA, 55, ...
INTO DTTBF1
WRITE 08 INTO DTTBS1
IBUF = 0
WRITE AA, 55, ...
INTO DTTBF0
WRITE 08 INTO DTTBS0
IBUF = 1
(1)
(1)
Figure 30
XMIT 00
STOP
Tx_COMPLETED = TRUE
No
Yes
STA_106 = 1
Stop sending parallel
data (delayed)
Stop signal
Semaphore with interrupt
Wait until last buffer is
transmitted and CCITT
stop sequence completed
Figure 31
XI.4 - Error Detection
Error occurs when the ST75C530/540 need some
bitsfrom the transmitbuffer DTTBSx and this buffer
is empty. This condition is called “Underflow”.
This error is signaled in the bit ERR_TX of the
SYSERR byte, and generates an interrupt IT0.To
clear the error a CSE 01 command must be issued.
An Underflow contition occurs when :
- In synchronous mode: the host processor “for-
gets” to feed the current DTTBSx buffer.
- In HDLC mode: when, while inside a frame, the
host processor “forgets” to feed the current
DTTBSx buffer. An abort frame is transmitted in
place of the regular Buffer.
- This condition cannot append in UART mode.
When an underflow condition occur the host must
restart the whole parallel initialization, as explained
above.
XI.5 - Synchronous Mode
XI.5.1 - Description
In synchronousmode the ST75C530/540transmits
the bits contained in the DUAL RAM Buffer without
any modification. It starts with the Bit 0 of the
DTTBF0[0] byte.
XI.5.2 - Status Word Format
The Transmit Status Bytes DTTBS0 or DTTBS1
have the same following meaning(see table below).
DTTBSx in Synchronous Mode
Field
Pos. Value
Definition
BUFF_LENG 3 .. 0
0
1
2
..
8
Other
Buffer empty.
1 Byte to transmit
(DTTBFx[0]).
2 Bytes to transmit
(DTTBFx[0] and
DTTBFx[1]).
..
8 Bytes to transmit
(
DTTBFx[0 .. 7]).
Not allowed.
Other
7 .. 4
0
Reserved, must be 0.
This status byte must be written by the Host, after
filing the corresponding data buffer DTTBFx[0..7]
with the right number of data bytes to transmit.
This status byte is cleared by the ST75C530/540,
just before generating the IT2 interrupt.
ST75C530 - ST75C540
66/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com