Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C540FP-A Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 72Page - STMicroelectronics ST75C540FP-A Datasheet HTML 73Page - STMicroelectronics ST75C540FP-A Datasheet HTML 74Page - STMicroelectronics ST75C540FP-A Datasheet HTML 75Page - STMicroelectronics ST75C540FP-A Datasheet HTML 76Page - STMicroelectronics ST75C540FP-A Datasheet HTML 77Page - STMicroelectronics ST75C540FP-A Datasheet HTML 78Page - STMicroelectronics ST75C540FP-A Datasheet HTML 79Page - STMicroelectronics ST75C540FP-A Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
XIV - TRANSPARENT MODE DATA EXCHANGE
The mode uses the DPR locations to exchange
samples between the host and the AFE’s. To allow
maximum interrupt latency, the DSP uses internal
buffers to store samples and updates the DPR
buffers when internal buffers are ready. The DPR
buffers are bidirectional, thus doubling the effective
DPR capacity.
The transfer mechanism is depicted below :
1. At baud rate (every 4 samples at 9.6kHz), the
DSP transfers 4 samples from the Modem AFE
to the internal receive buffer, after sending them
through a high-passfilter with a transfer function
H(z) = (z-1)/ (z-0.875) used to remove all DC
components from the signal, and transfers
4 samplesfrom the Internal transmit bufferto the
Modem AFE. This comes from the currently
implemented internal scheduling. The same
operation is performed for the voice AFE.
2. After 3 bauds, the internal receive buffer is full
(the internal transmit buffer is also empty), the
DPR buffer is copied to the internal transmit
buffer, then the internal receive buffer is copied
into the DPR.
3. A host interrupt is generated : during servicing,
the host reads the DPR sample buffer then
writes it with new transmitted samples.
XIV.1 - Sample buffers
The mode uses the DPR locations to exchange
samples between the host and the AFE’s ; since no
data transfer (HDLC, UART) occurs in this mode,
the full 0x10 .. 0x3F DPR locations are available.
The Modem sample buffer (MODEMDPR) uses
locations 0x10 to 0x27 (24 bytes) to exchange
12 MAFE samples. The audio sample buffer
(AUDIODPR) uses locations 0x28 to 0x3F to ex-
change 12 VAFE samples. Samples are repre-
sented in 16-bit linear data format, byte order is
little-Endian (Intel-like, LSByte at low address),and
consecutive locations correspond to consecutive
samples in time. Example : locations (0x10, 0x11)
correspond to the first sample (LSB, MSB) re-
ceived from the line AFE.
XIV.2 - Interrupts
The DSP signal events to the host using the inter-
rupt mailbox (ITREST[0..6], ITMASK, ITSRCR).
IT2 is set by the DSP whenever the DPR buffers
are ready. This interrupt source can be masked
through ITMASK, and acknowledged using
ITSRCR[0..6]. The host interrupt service routine
should read received samples from the DPR, write
transmitted samples to the DPR, then acknow-
ledge by clearing the IT2 flag. The interrupt latency
is approximately equal to the interrupt period, i.e.
T = 1/800 = 1.25ms. Overrun and underrun condi-
tions may occur if the host interrupt latency ex-
ceeds the previous value. Since this situation is
unrecoverable, no specific action is taken. Never-
theless, for debug purposes the user can detect
this condition by probing the interrupt line (SINTR),
and trigger on a pulse width greater than the maxi-
mum allowed latency.
ST75C530 - ST75C540
76/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com