Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C540FP-A Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 49Page - STMicroelectronics ST75C540FP-A Datasheet HTML 50Page - STMicroelectronics ST75C540FP-A Datasheet HTML 51Page - STMicroelectronics ST75C540FP-A Datasheet HTML 52Page - STMicroelectronics ST75C540FP-A Datasheet HTML 53Page - STMicroelectronics ST75C540FP-A Datasheet HTML 54Page - STMicroelectronics ST75C540FP-A Datasheet HTML 55Page - STMicroelectronics ST75C540FP-A Datasheet HTML 56Page - STMicroelectronics ST75C540FP-A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
IX - TONE DETECTORS
Z -1
C0
C5
2
Z -1
Z -1
Z -1
2
CB
C7
C8
C9
CA
C1
C2
C3
C4
Z -1
IN
OUT
C6
Figure 17 : Biquadratic IIR Filter
IX.1 - Overview
The general purpose ST75C530/540 tone detec-
tors block is a powerful module that covers a lot of
applications :
- call progress tone detection, fully programmable
for all countries,
- FAX, voice, data automatic detection,
- call waiting detection, while in vocoder or data
mode.
IX.2 - Description
The primary tone detector block is a set of 16
identical Cells. Each cell is composed of a Double
Biquadratic Filter, a Power estimator section, a
Static level and a Level comparator.
Each Biquadratic Filter, Power Estimator and Static
Level can be programmed using a complete set of
commands (TDRC, TDRW, TDWC, TDWW, TDZ).
The wiring between the different Cells can be de-
fined by the user, using the associated command
allowing a wide range of applications.
The sampling frequency is 7200Hz, allowing detec-
tion of signals less than 3300Hz.The level of detec-
tion is programmable from -6dBm down to -51dBm.
The 16 Comparator Outputs give, on a baud basis,
the information into two 8 bits words TONEDET0
(for cells number 0 to 7) and TONEDET1 (for cells
number 8 to F). These TONEDET variables can be
accessed using a MRI command or, more easily,
monitored on a baud basis using the DOSR com-
mand.
The 16 primary tone detectorsare initializedeach time
entering the tone mode. However the previous coeffi-
cient values could be kept using a MW command.
The secondary tone detector have been added to
the ST75C530/540. The filter structure is the same
as the primary tone detector.
The sampling rate is 4800Hz allowing detection of
signal less than 1800Hz by default programming or
with a MODC command, the sampling rate is
9600Hz allowing detection of signal less than
3300Hz. The level of detection is programmable
from -6dBm down to -51dBm. In order to increase
the reliability of the detection, using a TDWW com-
mand, 2 comparisonsare provided,one with a fixed
level (absolute) or with the receive signal (relative).
The 4 secondary tone detectors are initialiazed
each time entering the tone mode. However the
previous coefficient values could be kept using a
CONF command.
The commandTDRC, TDWC, TDWW, TDRW, TDZ
with the TD_CELL parameter of 0x10, 0x11, 0x12
or 0x13 can be used to program these filters.
IX.2.1 - Biquadratic Filters
Each Biquadratic Filter is a double regular section
that can perform any Transfer function with 4 Poles
and 4 Zeros.
This routine is run on a sample basis.
The corresponding transfer function is :
Out
Input
= C0 ⋅
C5
+ 2 ⋅ C3 ⋅ z−1 + 2 ⋅ C4 ⋅ z−2
1
− 2 ⋅ C1 ⋅ z−1 − 2 ⋅ C2 ⋅ z−2
⋅ C6 ⋅
CB
+ 2 ⋅ C9 ⋅ z−1 + 2 ⋅ CA ⋅ z−2
1
− 2 ⋅ C7 ⋅ z−1 − 2 ⋅ C8 ⋅ z−2
⋅ z−1
Note :
All coefficients are coded on 16 bits 2’s complement in the range +1, -1 (Q15). To avoid the possibility of overflow the user must check
that the internal node must not be higher that 0.5 (in Q15 representation).
ST75C530 - ST75C540
53/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com