| Electronic Components Datasheet Search |
|
ST75C540FP-A Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C540FP-A Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 84 page ![]() VI.2 - Command Set The Command Set has the following attractive features : - user friendly with easy to remember mnemonics, - possibility of straightforward expansion with new commands to suit specific customer require- ments, - easy upgrade of existing software using previous modem based SGS-THOMSON products. The command set has been designedto providethe necessaryfunctional control on the ST75C530/540. Each command is classified according to its syntax and the presence/absence of parameters. In the case of a parametric command, parameters must first be written into the dual port RAM before the command is issued. Acknowledge and error report is issued for each command entered. VI.2.1 - Command Set Summary VI.2.1.1 - Operational Control Commands INIT Initialize. Initialize the modem engine. Set all parameters to their default values and wait for commands of the control processor. Non parametric command. IDT Identify. Return the product identification code. Non parametric command. SLEEP Tu r n to l ow power mode, t he ST75C530/540 enters the low power mode and stops its crystal oscillator to reduce power consumption. In this mode all the clocks are stopped and the dual RAM is unreachable. HSHK Handshake. Begins th e handshake sequence. The modem engine generates all the sequences defined in the ITU-T recommendations. A status report indicatesto the controlprocessorthe state of the handshake. This command only applies to modes where a handshake sequence is defined. A CONF command must have been issued prior to the use of HSHK. Non parametric command. STOP FAX Sto p. Sto p FAX Hal f-dupl ex transmitter. Non parametric command. RTRA Retrain. Begin a retrain sequence in V.32bis/V.32 or V.22bis modes as des cr ibed i n t h e I TU- T recommendations (ST75C540 only). SYNC FAX Synchronize. Start/Stopof FAXHalf- duplex receiver. Parametric command. CSE ClearStatusError.SelectivelyclearstheError statusbyteSYSERR.Parametric command. SETGN Set Gain. This command sets the global gain factor, which is used for the transmit samples. Parametric command. VI.2.1.2 - Data Communication Commands XMIT Tr ans mi t D ata. St ar t /st op th e transmission of data. After a XMIT command, the ST75C530/540sends the data contained in its dual port RAM. FORM Selects the Transmission Format. This command configures the data interface for bo th re ceive r and tra nsmi tter according to the selected data format. Parametric command (HDLC, UART or synchronous). VI.2.1.3 - Memory Handling Commands MWI MWLO MW Memory Write Indirect Memory Write Low Word Memory Write. This command is used to write an arbitrary 16-bit value into the writable memory location currently specified by a parameter. Parametric command. MRI MRLO MR Memory Read Indirect Memory Read Low Word Memory Read. This command allows the controller to read any of the ERAM or C RO M ( S T75C 530/5 40 memo ry spaces) location without interrupting the processor. Parametric command. CR Complex Read. This command allows the controller to read at the same time the real and imaginary part of a complex valuestored ina double ERAM or CROM location. This featu re is very interesting for eye pattern software control and for equalization monitoring. This command insures that the real and imaginary pa rts are sampled in the memory at the same time (integrity). Parametric command. VI - USER INTERFACE (continued) ST75C530 - ST75C540 25/84 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |