Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C540FP-A Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 65Page - STMicroelectronics ST75C540FP-A Datasheet HTML 66Page - STMicroelectronics ST75C540FP-A Datasheet HTML 67Page - STMicroelectronics ST75C540FP-A Datasheet HTML 68Page - STMicroelectronics ST75C540FP-A Datasheet HTML 69Page - STMicroelectronics ST75C540FP-A Datasheet HTML 70Page - STMicroelectronics ST75C540FP-A Datasheet HTML 71Page - STMicroelectronics ST75C540FP-A Datasheet HTML 72Page - STMicroelectronics ST75C540FP-A Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
XI - TRANSMITTING DATA IN PARALLEL MODE (continued)
XI.6.7 - HDLC Special Timming
DATA TRANSMITTED
7E..7E 7E
DATA
CRC
_NHFBF
7E..7E 7E
CRC
_NHFCF
7E 7E..7E
_NHFST
Time to fill the Buffer 0
(Otherwise Extra
Flags Added)
Time
to fill the
Buffer 1
Time
to fill the
Buffer 0
DATA
Time to fill the
Buffer 1(Otherwise
Extra Flags Added)
Time
to fill the
Buffer 0
IT
Tx
IT
Tx
IT
Tx
IT
Tx
IT
Tx
FORM 2
XMIT 1
XMIT 0
STOP
Figure 36
A set of global variables allows the programmation
of the number of flags (7E) generated by the
ST75C530/540 :
- _NHFBF : Number of flags before the first frame.
- _NHFCF : Number of flags between frames.
- _NHFST : Number of flags after the last frame.
The default value for all these variables is 0, the
programming range is from 0 to 7FFF (32767).
These varaibales must be modified with a MW or
MWI command (see Figure 36).
XI.7 - UART Mode Description
In UART mode the ST75C530/540 transmits the
data Character contained into the DUAL Ram
buffe. The mechanism is as follows :
- While the Host has no character to transmit, that
i s: as long as DTTBSx equals $ 00, the
ST75C530/540 transmits continuous “1”.
- When the Host wants to send a chacarter,it feeds
the buffer with the character to transmit.
- The ST75C530/540 start to send a stop bit (“0”)
then the character containedin the Buffer,comput-
ing the parity. It send the parity bit, if needed, and
the stop bits (1 or 2 according with the FORM
command).
- If the user wants to send a break signal, he has
to set the BUFF_UBRK bit within the correspond-
ing Status Word (DTTBSx). A break signal is
defined as a totaly null character with all stop bits
duration maintained to “0” (e.g: if format is 7 bit,
even parity and 2 stop bit, break is a ”0” durring
10 bit). Multiple continuous breaks (“0” continu-
ous signal) can be send by using consecutive
buffers with BUFF_UBRK set to 1.
XI.7.1 - Status Word Format
DTTBSx in UART Mode
Field
Pos. Value
Definition
BUFF_LENG 3 .. 0
0
1
other
Buffer empty.
1 character to transmit
(
DTTBFx[0]).
Not allowed.
BUFF_UBRK
6
0
1
Normal character.
Break signal : a complete
“0” character with all stop
bits equal to ”0”.
Other
7
0
Reserved, must be 0.
ST75C530 - ST75C540
69/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com