Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001ABTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 7Page - STMicroelectronics STDVE001ABTR Datasheet HTML 8Page - STMicroelectronics STDVE001ABTR Datasheet HTML 9Page - STMicroelectronics STDVE001ABTR Datasheet HTML 10Page - STMicroelectronics STDVE001ABTR Datasheet HTML 11Page - STMicroelectronics STDVE001ABTR Datasheet HTML 12Page - STMicroelectronics STDVE001ABTR Datasheet HTML 13Page - STMicroelectronics STDVE001ABTR Datasheet HTML 14Page - STMicroelectronics STDVE001ABTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
STDVE001A
Pin configuration
11/49
Pin number
Pin name
Type
Function
22
OUT_D1+
Output
HDMI 1.3 compliant TMDS output. OUT_D1+ makes a
differential output signal with OUT_D1-.
23
OUT_D1-
Output
HDMI 1.3 compliant TMDS output. OUT_D1- makes a
differential output signal with OUT_D1+.
24
GND
Power
Ground
25
OE_N
Input
Active low enable signal
OE_N
N_D
termination
IOUT_D outputs
1
High-Z
High-Z
050
Ω
Active
26
VDD_INT
Power
DC supply for DDC, HPD and CEC (can be 5V or 3.3V or
unconnected)
27
GND
Power
Ground
28
SCL_INT
I/O
DDC Clock I/O. Pulled-up by external termination to
VCC.
29
SDA_INT
I/O
DDC Data I/O. Pulled-up by external termination to VCC.
30
HPD_INT
Input
Sink side, Low-frequency, 0V to 5V (nominal) hot plug
detector input signal.
Voltage high indicates “plugged” state; voltage low
indicates “unplugged” state.
High : 5V power signal asserted from source to sink and
EDID is ready
Low : No 5V power signal is asserted from source to sink
or EDID is not ready
31
GND
Power
Ground
32
DDC_EN
Input
I2C repeater enable signal
DDC_EN
I2C repeater
0 V
Disabled, high-Z
3.3 V
Enabled, active
33
VCC
Power
3.3 V±10% DC supply
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com