Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001ABTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 23Page - STMicroelectronics STDVE001ABTR Datasheet HTML 24Page - STMicroelectronics STDVE001ABTR Datasheet HTML 25Page - STMicroelectronics STDVE001ABTR Datasheet HTML 26Page - STMicroelectronics STDVE001ABTR Datasheet HTML 27Page - STMicroelectronics STDVE001ABTR Datasheet HTML 28Page - STMicroelectronics STDVE001ABTR Datasheet HTML 29Page - STMicroelectronics STDVE001ABTR Datasheet HTML 30Page - STMicroelectronics STDVE001ABTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
STDVE001A
Maximum rating
27/49
4.4
DC electrical characteristics (CEC)
(TA = -40 to +85 °C, VCC = 3.3V ± 5%, GND=0V; unless otherwise specified)
Table 19.
DC electrical characteristics (CEC)
Symbol
Parameter
Test condition
Value
Min
Typ
Max
Unit
VCC
DC supply voltage
3.135
3.3
3.465
V
VOL
Logic 0 output
0.0
0.6
V
VOH
Logic 1 output
2.5
3.63
V
VHL(th)
High to low input V
treshold for logic ‘0’
Vcec(‘0’)
≥
0.8
V
VLH(th)
Low to high input V
treshold for logic ‘1’
Vcec(‘1’)
≥
2.0
V
Vhys
Typical input
hysteresis(1)
1.
Input hysteresis is normally supplied by the microprocessor input circuit. In this case, additional hysteresis
circuitry is not needed.
0.4
V
Tr
Maximum rise time
(10% to 90%)
CL= 7.2 nF
250
μs
Tf
Maximum fall time
(90% to 10%)
CL= 7.2 nF
50
μs
RPU
Internal pull-up
resistor(2)
2.
The internal device pull-up should be disconnected from the line when the device is powered-off.
23.4
26
28.6
K
Ω
IOFF
CEC IO current in
upowered state
VCC = 0.0 V
1.8
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com