Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001ABTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 24Page - STMicroelectronics STDVE001ABTR Datasheet HTML 25Page - STMicroelectronics STDVE001ABTR Datasheet HTML 26Page - STMicroelectronics STDVE001ABTR Datasheet HTML 27Page - STMicroelectronics STDVE001ABTR Datasheet HTML 28Page - STMicroelectronics STDVE001ABTR Datasheet HTML 29Page - STMicroelectronics STDVE001ABTR Datasheet HTML 30Page - STMicroelectronics STDVE001ABTR Datasheet HTML 31Page - STMicroelectronics STDVE001ABTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Maximum rating
STDVE001A
28/49
4.5
Dynamic switching characteristics(b)
TA = -40 to +85 °C, VCC = 3.3 V ± 5%, RTERM = 50 Ω ± 5%, CL = 5 pF).
Typical values are at TA = +25 °C and VCC = 3.3 V.
b.
The timing values in this section are tested during characterization and are guaranteed by
design and simulation. Not tested in production.
Table 20.
Clock and data rate
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
fCK
Clock frequency
(1/10th of the
differenttial data rate)
25
340
MHz
Drate
Signaling rate
3.4
Gbps
Table 21.
Differential output timings
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tr
Differential data and
clock output rise/fall
times
20% to 80% of VOD
75
150
240
ps
tf
80% to 20% of VOD
75
150
240
ps
tPLH
Differential low to high
propagation delay
Alternating 1 and 0 pattern
at slow and fast data rates
Measure at 50% VOD
between input to output
250
800
ps
tPHL
Differential high to low
propagation delay
250
800
ps
Table 22.
Skew times
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tSK(O)
Inter-pair channel-to-
channel output skew
100
ps
tSK(P)
Pulse skew
| tPLH - tPHL |25
80
ps
tSK(D)
Intra-pair differential
skew
44
ps
tSK(CC)
Output channel to
channel skew
Difference in
propagation
delay
(tPLH or tPHL)
among all output
channels
50
125
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com