Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001ABTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 12Page - STMicroelectronics STDVE001ABTR Datasheet HTML 13Page - STMicroelectronics STDVE001ABTR Datasheet HTML 14Page - STMicroelectronics STDVE001ABTR Datasheet HTML 15Page - STMicroelectronics STDVE001ABTR Datasheet HTML 16Page - STMicroelectronics STDVE001ABTR Datasheet HTML 17Page - STMicroelectronics STDVE001ABTR Datasheet HTML 18Page - STMicroelectronics STDVE001ABTR Datasheet HTML 19Page - STMicroelectronics STDVE001ABTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Functional description
STDVE001A
16/49
3.3
HPD pins
The input pin HPD_INT is 5 V tolerant, allowing direct connection tp 5 V signals. The output
HPD pin has open-drain structure so that the disabled HPD output is driven to GND
whereas the enabled HPD port has the same polarity as the HPD_INT. Note that the HPD
output should have an external pull-up resistor connected to +5 V from the HDMI source.
3.4
DDC channels
The DDC channels are designed together with a bi-directional buffer so as to ensure the
voltage levels on the I2C lines are met even after long capacitive cables. This feature
eliminates the errors during EDID and HDCP reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com