Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001ABTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 25Page - STMicroelectronics STDVE001ABTR Datasheet HTML 26Page - STMicroelectronics STDVE001ABTR Datasheet HTML 27Page - STMicroelectronics STDVE001ABTR Datasheet HTML 28Page - STMicroelectronics STDVE001ABTR Datasheet HTML 29Page - STMicroelectronics STDVE001ABTR Datasheet HTML 30Page - STMicroelectronics STDVE001ABTR Datasheet HTML 31Page - STMicroelectronics STDVE001ABTR Datasheet HTML 32Page - STMicroelectronics STDVE001ABTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
STDVE001A
Maximum rating
29/49
Table 23.
Turn-on and turn-off times
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tON
TMDS output enable
time
Time from
OE_N to OUT
±
change from tri-
state to active
12
20
ns
tOFF
TMDS output disable
time
Time from
OE_N to OUT
±
change from
active to tri-
state
610
ns
Table 24.
DDC I/O pins
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Refer to Section 4.6
Table 25.
Status pins (HPD_INT, HPD_EXT, OE_N
)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tPD(HPD)
Propagation delay
(from Y_HPD to the
active port of HPD)
CL = 10 pF,
RPU =1KΩ
150
ns
TON/OFF
Switch time
(from port select to the
latest valid status of
HPD)
CL = 10 pF
50
ns
Table 26.
Jitter
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tJIT
Total jitter(1)
PRBS pattern
at 1.6 Gbps
(800 MHz)
35
ps (p-p)
1.
Total jitter is measured peak-to-peak with a histogram including 3500 window hits. Stimulus and fixture jitter has been
subtracted. Input differential voltage = VID = 500 mV, PRBS random pattern at 1.65 Gbps, tr=tf=50 ps (20% to 80%). Jitter
parameter is not production-tested but guaranteed through characterization on a sample-to-sample basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com