Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6713ATR Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 51Page - STMicroelectronics L6713ATR Datasheet HTML 52Page - STMicroelectronics L6713ATR Datasheet HTML 53Page - STMicroelectronics L6713ATR Datasheet HTML 54Page - STMicroelectronics L6713ATR Datasheet HTML 55Page - STMicroelectronics L6713ATR Datasheet HTML 56Page - STMicroelectronics L6713ATR Datasheet HTML 57Page - STMicroelectronics L6713ATR Datasheet HTML 58Page - STMicroelectronics L6713ATR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
L6713A
Tolerance band (TOB) definition
55/64
23
Tolerance band (TOB) definition
Output voltage load-line varies considering component process variation, system
temperature extremes, and age degradation limits. Moreover, individual tolerance of the
components also varies among designs: it is then possible to define a manufacturing
tolerance band (TOBManuf) that defines the possible output voltage spread across the
nominal load line characteristic.
TOBManuf can be sliced into different three main categories: Controller tolerance, external
current sense circuit tolerance and time constant matching error tolerance. All these
parameters can be composed thanks to the RSS analysis so that the manufacturing
variation on TOB results to be:
Output voltage ripple (VP=VPP/2) and temperature measurement error (VTC) must be added
to the manufacturing TOB in order to get the system tolerance band as follow:
All the component spreads and variations are usually considered at 3
σ. Here follows an
explanation on how to calculate these parameters for a reference L6713A application.
23.1
Controller tolerance (TOBController)
It can be further sliced as follow:
Reference tolerance. L6713A is trimmed during the production stage to ensure the
output voltage to be within kVID = ± 0.5 % (± 0.6 % for AMD DAC) over temperature and
line variations. In addition, the device automatically adds a -19 mV offset (Only for Intel
mode) avoiding the use of any external component. This offset is already included
during the trimming process in order to avoid the use of any external circuit to generate
this offsets and, moreover, avoiding the introduction of any further error to be
considered in the TOB calculation.
Current reading circuit. The device reads the current flowing across the inductor DCR
by using its dedicated differential inputs. The current sourced by the VRD is then
reproduced and sourced from the DROOP pin scaled down by a proper designed gain
as follow:
This current multiplied by the RFB resistor connected from FB pin vs. the load allows
programming the droop function according to the selected DCR/Rg gain and RFB
resistor. Deviations in the current sourced due to errors in the current reading, impacts
on the output voltage depending on the size of RFB resistor. The device is trimmed
during the production stage in order to guarantee a maximum deviation of kIFB = ± 1 μA
from the nominal value.
Controller tolerance results then to be:
TOB
Manuf
TOB
Controller
2
TOB
CurrSense
2
TOB
TCMatching
2
++
=
TOB
TOB
Manuf
V
P
V
TC
++
=
I
DROOP
DCR
Rg
------------- I
OUT
=
TOB
Controller
VID
19mV
() k
VID
[]
2
k
IDROOP
R
FB
()
2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com