Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6713ATR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 28Page - STMicroelectronics L6713ATR Datasheet HTML 29Page - STMicroelectronics L6713ATR Datasheet HTML 30Page - STMicroelectronics L6713ATR Datasheet HTML 31Page - STMicroelectronics L6713ATR Datasheet HTML 32Page - STMicroelectronics L6713ATR Datasheet HTML 33Page - STMicroelectronics L6713ATR Datasheet HTML 34Page - STMicroelectronics L6713ATR Datasheet HTML 35Page - STMicroelectronics L6713ATR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Current reading and current sharing loop
L6713A
32/64
10
Current reading and current sharing loop
L6713A embeds a flexible, fully-differential current sense circuitry that is able to read across
inductor parasitic resistance or across a sense resistor placed in series to the inductor
element. The fully-differential current reading rejects noise and allows placing sensing
element in different locations without affecting the measurement's accuracy.
Reading current across the inductor DCR, the current flowing trough each phase is read
using the voltage drop across the output inductor or across a sense resistor in its series and
internally converted into a current. The trans-conductance ratio is issued by the external
resistor Rg placed outside the chip between CSx- pin toward the reading points.
The current sense circuit always tracks the current information, no bias current is sourced
from the CSx+ pin: this pin is used as a reference keeping the CSx- pin to this voltage. To
correctly reproduce the inductor current an R-C filtering network must be introduced in
parallel to the sensing element.
The current that flows from the CSx- pin is then given by the following equation (See
Figure 8):
Where IPHASEx is the current carried by the relative phase.
Figure 8.
Current reading connections
Considering now to match the time constant between the inductor and the R-C filter applied
(Time constant mismatches cause the introduction of poles into the current reading network
causing instability. In addition, it is also important for the load transient response and to let
the system show resistive equivalent output impedance), it results:
Where IINFOx is the current information reproduced internally.
I
CSx-
DCR
Rg
-------------
1
s L
DCR
()
+
1s R C
⋅⋅
+
------------------------------------------- I
PHASEx
=
Lx
CSx+
CSx-
PHASEx
DCRx
R
C
Rg
I
PHASEx
Inductor DCR Current Sense
ICSx-=IINFOx
NO Bias
L
DCR
-------------
RC
I
CSx-
DCR
Rg
------------- I
PHASEx
=
I
INFOx
I
INFOX
DCR
Rg
------------- I
PHASEx
=
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com