Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6713ATR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 32Page - STMicroelectronics L6713ATR Datasheet HTML 33Page - STMicroelectronics L6713ATR Datasheet HTML 34Page - STMicroelectronics L6713ATR Datasheet HTML 35Page - STMicroelectronics L6713ATR Datasheet HTML 36Page - STMicroelectronics L6713ATR Datasheet HTML 37Page - STMicroelectronics L6713ATR Datasheet HTML 38Page - STMicroelectronics L6713ATR Datasheet HTML 39Page - STMicroelectronics L6713ATR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Voltage positioning
L6713A
36/64
12.2
Droop function (Optional)
This method "recovers" part of the drop due to the output capacitor ESR in the load
transient, introducing a dependence of the output voltage on the load current: a static error
proportional to the output current causes the output voltage to vary according to the sensed
current.
As shown in Figure 11, the ESR drop is present in any case, but using the droop function
the total deviation of the output voltage is minimized. Moreover, more and more high-
performance CPUs require precise load-line regulation to perform in the proper way.
DROOP function is not then required only to optimize the output filter, but also beacomes a
requirement of the load.
Connecting DROOP pin and FB pin together, the device forces a current IDROOP,
proportional to the read current, into the feedback resistor (RFB+ROFFSET) implementing the
load regulation dependence. Since IDROOP depends on the current information about the N
phases, the output characteristic vs. load current is then given by (neglecting the OFFSET
voltage term):
Where DCR is the inductor parasite resistance (or sense resistor when used) and IOUT is the
output current of the system. The whole power supply can be then represented by a "real"
voltage generator with an equivalent output resistance RDROOP and a voltage value of VREF.
RFB resistor can be also designed according to the RDROOP specifications as follow:
Droop function is optional, in case it is not desired, the DROOP pin can be disconnected
from the FB and an information about the total delivered current becomes available for
debugging, and/or current monitoring. When not used, the pin can be shorted to SGND.
V
OUT
V
REF
R
FB
R
OFFSET
+
() I
DROOP
=
V
REF
R
FB
R
OFFSET
+
() DCR
Rg
------------- I
OUT
⋅⋅
V
REF
R
DROOP
I
OUT
=
R
FB
R
DROOP
Rg
DCR
-------------
R
OFFSET
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com