Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 147Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 148Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 149Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 150Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 151Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 152Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 153Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 154Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 159 page
background image
ST7LITE1xB
151/159
15.2 DEVICE ORDERING INFORMATION
Figure 118. Ordering information scheme
ST7
F
LIT1xB
F
0
M
3
TR
Family
ST7 Microcontroller Family
Memory type
F: Flash
P: FASTROM
Memory size
0 = 2K
1 = 4K
Package
B = DIP
M = SO
U = VFQFPN
Example:
No. of pins
F = 20
Y = 16
Version
10B, 15B or 19B
Temperature range
6 = -40 °C to 85 °C
3 = -40 °C to 125 °C
For a list of available options (e.g. data EEPROM, package) and orderable part numbers or for
further information on any aspect of this device, please contact the ST Sales Office nearest to you.
Shipping Option
TR = Tape & Reel packing
Blank = Tube (DIP or SO) or Tray (VFQFPN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com