Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 145Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 146Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 147Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 148Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 149Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 150Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 151Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 152Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 159 page
background image
ST7LITE1xB
149/159
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH).
ST7FLITE1xB devices are shipped to customers
with a default program memory content (FFh).
This implies that FLASH devices have to be con-
figured by the customer using the Option Bytes.
15.1 OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes can be accessed only in pro-
gramming mode (for example using a standard
ST7 programming tool).
OPTION BYTE 0
OPT7 = Reserved, must always be 1.
OPT6 = PKG Package selection
0: 16-pin package
1: 20-pin package
OPT5:4 = CLKSEL Clock Source Selection
When the internal RC oscillator is not selected
(Option OSC=1), these option bits select the clock
source: resonator oscillator or external clock
Note: When the internal RC oscillator is selected,
the CLKSEL option bits must be kept at their de-
fault value in order to select the 256 clock cycle
delay (see Section 7.5).
OPT3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 ac-
cording to the following table.
OPT1 = FMP_R Read-out protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
Erasing the option bytes when the FMP_R option
is selected will cause the whole memory to be
erased first and the device can be reprogrammed.
Refer to the ST7 Flash Programming Reference
Manual and section 4.5 on page 14 for more de-
tails
0: Read-out protection off
1: Read-out protection on
OPT0 = FMP_W FLASH write protection
This option indicates if the FLASH program mem-
ory is write protected.
Warning: When this option is selected, the pro-
gram memory (and the option bit itself) can never
be erased or programmed again.
0: Write protection off
1: Write protection on
Clock Source
Port C
CLKSEL
Resonator
Ext. Osc Disabled/
Port C Enabled
00
Ext.
Clock source:
CLKIN
on PB4
Ext. Osc Enabled/
Port C Disabled
01
on PC0
1
1
Reserved
1
0
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11
OPTION BYTE 0
70
OPTION BYTE 1
70
Res. PKG
CLKSEL
SEC1 SEC0
FMP
R
FMP
W
PLL
x4x8
PLL
OFF
PLL32
OFF
OSC LVD1 LVD0
WDG
SW
WDG
HALT
Default
Value
1
1
1
1
0
1
0
0
1
1
1
0
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com