Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 141Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 142Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 143Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 144Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 145Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 146Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 147Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 148Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 159 page
background image
ST7LITE1xB
145/159
PACKAGE CHARACTERISTICS (Cont’d)
Figure 114. 16-Pin Plastic Small Outline Package, 300-mil Width
Figure 115. 20-Pin Plastic Dual In-Line Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.093
0.104
A1
0.10
0.30 0.004
0.012
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
10.10
10.50 0.398
0.413
E
7.40
7.60 0.291
0.299
H
10.00
10.65 0.394
0.419
e
1.27
0.050
h
0.25
0.75 0.010
0.030
α
0°
8°
0°
8°
L
0.40
1.27 0.016
0.050
Number of Pins
N
16
H
E
C
h x 45°
a
L
B
e
A1
A
D
Dim.
mm
inches)
Min
Typ
Max
Min
Typ
M
A
5.33
0.2
A1
0.38
0.0150
A2
2.92
3.30
4.95 0.1150 0.1299 0.1
b
0.36
0.46
0.56 0.0142 0.0181 0.0
b2
1.14
1.52
1.78 0.0449 0.0598 0.0
c
0.20
0.25
0.36 0.0079 0.0098 0.0
D
24.89 26.16 26.92 0.9799 1.0299 1.0
D1
0.13
0.0051
e
2.54
0.1000
eB
10.92
0.4
E1
6.10
6.35
7.11 0.2402 0.2500 0.2
L
2.92
3.30
3.81 0.1150 0.1299 0.1
Number of Pins
N
20
Note . Values in inches are converted from mm
rounded to 4 decimal digits.
E1
D
D1
b
e
A
A1
L
A2
c
eB
11
10
1
20
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com