Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 142Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 143Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 144Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 145Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 146Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 147Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 148Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 149Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
ST7LITE1xB
146/159
PACKAGE CHARACTERISTICS (Cont’d)
Figure 116. 20-Pin Plastic Small Outline Package, 300-mil Width
Figure 117. 20-Lead Very thin Fine pitch Quad Flat No-Lead Package
Dim.
mm
inches)
Note . Values in inches are converted from mm
and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.0925
0.1043
A1
0.10
0.30 0.0039
0.0118
B
0.33
0.51 0.0130
0.0201
C
0.23
0.32 0.0091
0.0126
D
12.60
13.00 0.4961
0.5118
E
7.40
7.60 0.2913
0.2992
e
1.27
0.0500
H
10.00
10.65 0.3937
0.4193
h
0.25
0.75 0.0098
0.0295
α
0°
8°
0°
8°
L
0.40
1.27 0.0157
0.0500
Number of Pins
N
20
EH
A
A1
B
e
D
c
h x 45×
L
a
Dim.
mm
inches)
Min
Typ
Max
Min
Typ
Ma
A
0.80
0.85
0.90 0.0315 0.0335 0.03
A1
0.00
0.02
0.05
0.0008 0.002
A3
0.02
0.0008
b
0.25
0.30
0.35 0.0098 0.0118 0.013
D
5.00
0.1969
D2
3.10
3.25
3.35 0.1220 0.1280 0.13
E
6.00
0.2362
E2
4.10
4.25
4.35 0.1614 0.1673 0.17
e
0.80
0.0315
L
0.45
0.50
0.55 0.0177 0.0197 0.02
ddd
0.08
0.0031
Number of Pins
N
20
Note . Values in inches are converted from mm a
rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com