Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 144Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 145Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 146Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 147Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 148Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 149Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 150Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 151Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 159 page
background image
ST7LITE1xB
148/159
14.2 SOLDERING INFORMATION
In accordance with the RoHS European directive,
all STMicroelectronics packages have been con-
verted to lead-free technology, named ECO-
PACKTM.
■ ECOPACK
TM packages are qualified according
to the JEDEC STD-020C compliant soldering
profile.
■ Detailed information on the STMicroelectronics
ECOPACKTM transition program is available on
www.st.com/stonline/leadfree/,
with
specific
technical Application notes covering the main
technical
aspects
related
to
lead-free
conversion
(AN2033,
AN2034,
AN2035,
AN2036).
Backward and forward compatibility:
The main difference between Pb and Pb-free sol-
dering process is the temperature range.
– ECOPACKTM TQFP, SDIP, SO and QFN20
packages are fully compatible with Lead (Pb)
containing soldering process (see application
note AN2034)
– TQFP, SDIP and SO Pb-packages are compati-
ble with Lead-free soldering process, neverthe-
less it's the customer's duty to verify that the Pb-
packages maximum temperature (mentioned on
the Inner box label) is compatible with their Lead-
free soldering temperature.
Table 25. Soldering Compatibility (wave and reflow soldering process)
* Assemblers must verify that the Pb-package maximum temperature (mentioned on the Inner box label)
is compatible with their Lead-free soldering process.
Package
Plating material devices
Pb solder paste
Pb-free solder paste
SDIP & PDIP
Sn (pure Tin)
Yes
Yes *
QFN
Sn (pure Tin)
Yes
Yes *
TQFP and SO
NiPdAu (Nickel-palladium-Gold)
Yes
Yes *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com