Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SABRE-LL-I Datasheet(PDF) 85 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 81Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 84Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 85Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 86Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 87Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 88Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 141 page
background image
SABRE-LL-I
Operational amplifiers
85/141
17.3
Operational amplifiers used as comparators specifications
To use the operational amplifiers as comparators the user must disable internal
compensation writing a logic one in the OpXDisComp bit in the OpAmpXCtrl register.
Table 61.
Configurable 3.3V operational amplifier used as comparator specification
(Note: VGPIO_SPI=3.3V unless otherwise specified)
Parameter
Description
Test condition
Min
Typ
Max
Unit
VGPIO_SPI
Supply voltage range
3.15
3.45
V
VICM
Input Common Mode
Voltage Range
0VGPIO_SPI
V
VOUT_MAX
Output voltage
Iload =± 10mA
0.3
2.9
V
Iin _offs
Input offset current
150
nA
Iin _bias
Input bias current
500
nA
Vin _offs
Input offset voltage
-5
5
mV
Ishort_max
Short circuit current
12
20
mA
tPHL
Output falling delay
VCM = 1.65V
∆ Vi = -/+ 20mV
CLOAD=100pF
(1)(2)
1.
∆Vi is the differential voltage applied to input pins across the common voltage V
CM.
2.
Measured between 50% of input and output signal.
1µs
tFALL
Fall time
VCM = 1.65V
∆ Vi = -/+ 20mV
CLOAD=100pF
(1)(2)
0.4
µs
tPLH
Output rising delay
VCM = 1.65V
∆ Vi = -/+ 20mV
CLOAD=100pF
(1)(2)
0.5
µs
tRISE
Rise time
VCM = 1.65V
∆ Vi = -/+ 20mV
CLOAD=100pF
(1)(2)
0.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com