Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SABRE-LL-I Datasheet(PDF) 29 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 25Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 26Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 27Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 28Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 29Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 30Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 31Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 141 page
background image
SABRE-LL-I
Start-up configurations
29/141
8.4
Slave device mode
In slave device mode, S.A.B.Re consider the nAWAKE pin as an input enable. Since this is
now a digital pin, the current pull up source inside the nAWAKE circuit is disabled.
At the startup, if the nAWAKE pin is found to be low for a period higher than tAWAKEFILT
seconds, S.A.B.Re enters directly in the “Low Power mode”; when nAWAKE pin is pulled
high for a period higher than tAWAKEFILT seconds, S.A.B.Re begins its start up procedure.
8.5
Master device mode
In master device mode, S.A.B.Re begins its start up procedure without waiting for any
external enable signal and it uses GPIO[5] pin to drive the nAWAKE pin of Slave devices.
During the whole start up time, it forces its GPIO[5] pin at logic level “0” in order to maintain
all slave devices in “Low Power mode” as previously described. When start up operations
are completed, S.A.B.Re forces the GPIO[5] output to logic level “1” to enable the slave
devices and keeps GPIO[5] output at high level until it senses an under-voltage on any of its
System regulators. If firmware writes in the PwrCtrl register to set Master S.A.B.Re in “Low
Power mode” it immediately forces GPIO[5] output to logic level “0” to force the slave
devices to enter in “Low Power mode”, then it waits for TMASTWAIT time and it starts its “Low
Power mode” sequence.
8.6
Single device mode
In single device mode, the device behaves similarly to master device mode but:
1.
It doesn’t use the GPIO[5] pin to drive slave devices.
2.
It doesn’t wait for TMASTWAIT before entering in “Low Power mode”.
8.7
Sub-configurations for slave, master or single device modes
Each slave, master or single device modes can be divided in other minor modes depending
on the start-up sequence needed for S.A.B.Re internal regulators.
Unless otherwise specified, in all the following modes the regulators included in the start up
sequence are considered system regulators and they start in the sequence indicated.
8.7.1
Bridge mode
In this configuration bridges 3 and 4 are not used as regulators and therefore can be
configured by the firmware in any of their possible bridge modes.
When in this mode the power-up sequence is:
1.
Main switching regulator (VMAIN_SW).
2.
Main linear regulator (VMAIN_LIN).
8.7.2
Primary regulator mode (KP)
In this configuration bridge 4 can be configured by firmware while bridge 3 is configured as
two separate synchronous switching regulators. The last regulator in the sequence
(VAUX2_SW).is not considered a system regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com