Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SABRE-LL-I Datasheet(PDF) 23 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 19Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 20Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 21Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 22Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 23Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 24Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 25Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 26Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 141 page
background image
SABRE-LL-I
Supervisory system
23/141
5.5
Thermal shut down generation circuit
The third component of the supervisory circuit is the thermal shut down generation circuit.
This circuit generates two different flags depending on the IC temperature:
–
the “TSD” flag indicates that the IC temperature is greater than the maximum
allowable temperature.
–
the “Warm” flag, that can be read using serial interface, becomes active at a lower
temperature respect to TSD signal, therefore it can be used to prevent the IC from
reaching over temperature.
When a TSD event occurs, S.A.B.Re will enter in the reset state placing the bridges in high
impedance and turning off all regulators and other circuits until the internal temperature
decreases below the Warm temperature. At this point, S.A.B.Re will restart the power up
sequence and TSD bit will be set and will be readable as soon as S.A.B.Re will come out
from the reset state.
This TSD bit can be reset in three ways:
–
by writing a logic level ‘1’ in the ClearTSD bit in the ICTemp register (see
Chapter 25);
–
by a POR event;
–
by entering in “Low Power Mode”.
The Warm bit, set by S.A.B.Re when IC is working over the warming temperature, can be
read using the SPI interface. Once this bit is set it can be reset in three ways:
–
by writing a logic level ‘1’ in the ClearWarm bit;
–
by a POR event;
–
by entering in “Low Power Mode”.
The thermal sensor voltage can be converted using the internal A/D: this way the
microcontroller can directly measure the IC temperature.
To avoid unwanted commutation especially when temperature is near the thresholds, the
output signal is filtered for both TSD and Warm.
5.6
TSD specifications
Table 10.
TSD circuit specifications
Parameter
Description
Test
condition
Min
Typ
Max
Unit
TTSD
Thermal shut down temperature
170
°C
TWARM
Warming temperature
140
°C
TDIFF
Thermal shut down to warming
difference
30
°C
tTSD_FILT
Thermal shut down filter time
8
us
tWARM_FILT
Warming filter time
8
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com