Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SABRE-LL-I Datasheet(PDF) 45 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 44Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 45Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 46Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 47Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 48Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 141 page
background image
SABRE-LL-I
Switching regulator controller
45/141
13.4
Switching regulator controller specifications
13.5
Switching regulator controller application considerations
This controller can implement a step-down switching regulator used to provide a regulated
voltage in the range 0.8V – 32V. Such kind of variation could be managed by considering
Table 25.
Switching regulator controller operating specification
Parameter
Description
Test condition
Min
Typ
Max
Uni
t
VSWDRV_SW
VSWDRV_SW pin voltage
range
(1)
1.
Under voltage rising and falling thresholds are referred to feedback pin voltage.
-1
VSupply
V
VSWDRV_GAT
E
Gate drive pin voltage
0
VPump
V
VSWDRV_SNS Sense pin voltage
VSupply
-3V
VSupply
V
Vvgs_ext
Gate to source voltage for
ext FET
VPump
V
IQ
Output
leakage current
VSupply = 36V,
Tjunction = 125°C
-15
+15
µA
IQlp
Output leakage current in
“Low Power Mode”
VSupply = 36V,
Tjunction = 125°C
-5
+5
µA
VSWDRV_FB
VSWDRV_FB pin current
VSupply = 36V,
Tjunction = 125°C
-10
+10
µA
Vloop
Loop voltage accuracy
±3%
VuvFall
(1)
Under voltage falling
threshold
84.5
87
89.5
%
VuvRise
(1)
Under voltage rising
threshold
90.5
93
95.5
%
Vuvhys
(1)
Under voltage hysteresys
6
%
tprim_uv
Under voltage deglitch filter
5
us
Vovc
Over current threshold
voltage
250
300
350
mV
tdeglitch
Current limit deglitch time
50
ns
tI_lim
Current limit response time
In normal operating
mode (no UV)(2)
2.
This condition is intended to simulate an extra current on output.
900
ns
tI_limUV
Current Limit response time
in UV condition.
When in
Under Voltage(3)
3.
This condition is intended to simulate a short circuit on output.
550
ns
FregPwm
Operating frequency
Fosc/6
4
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com