Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SABRE-LL-I Datasheet(PDF) 43 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 44Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 45Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 46Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 141 page
background image
SABRE-LL-I
Switching regulator controller
43/141
Figure 10.
Switching regulator controller functional blocks
13.2
Pulse skipping operation
Pulse skipping strategy has already been explained on main switching regulator section.
This regulator has 4 possible PWM duty cycles that can be changed writing in the
SelSwCtrPWM bits in the SwCtrCfg register using SPI.
Adjustable duty cycles can be changed using a metal layer change in order to adapt it to
customer system. The only limitation is that all regulators share the same duty cycle bus, so
any modification must consider all regulators needed duty cycles.
Vout
La
Vsupply
C
Driver
Control
Logic
CurrentSense
Charge pump Voltage
Voltage
Loop Control
VFBRef
-
+
Under voltage
Threshold
Filter
Ra
Rb
From Central Logic
Regulator Freq
-
+
To Central Logic
undervoltage flag
Rsense
VSWDRV_gate
N-CH Fet
Vref = 3 V
Vref=0.8V
SelFBRef[1:0]
Uv Threshold 1
SelFBRef
Uv Threshold 2
Vref = 3V
Vref=0.8V
VSWDRV FB
VSWDRV SW
VSWDRW_sns
Table 23.
Switching regulator controller PWM specification
SwCtrCfg register
Duty cycle value
Comments
SelSwCtrPWM[1:0]
Typical
00
9%
01
12%
10
22.5%
Default state
11
58%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com