Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 49Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 50Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 51Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 52Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 53Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 54Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 55Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 56Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 159 page
background image
ST7LITE1xB
53/159
I/O PORTS (Cont’d)
10.7 DEVICE-SPECIFIC I/O PORT CONFIGURATION
The I/O port register configurations are summa-
rised as follows.
Standard Ports
PA7:0, PB6:0
PC1:0 (multiplexed with OSC1,OSC2)
The selection between OSC1 or PC0 and OSC2 or
PC1 is done by option byte. Refer to section 15.1
on page 149. Interrupt capability is not available
on PC1:0.
Note: PCOR not implemented but p-transistor al-
ways active in output mode (refer to Figure 32 on
page 50)
Interrupt Ports
Ports where the external interrupt capability is
selected using the EISR register
Table 10. Port Configuration (Standard ports)
Note: On ports where the external interrupt capability is selected using the EISR register, the configura-
tion will be as follows:
Table 11. I/O Port Register Map and Reset Values
MODE
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
floating input
0
push-pull output
1
MODE
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
floating
pull-up
open drain
push-pull
Port B
PB6:0
floating
pull-up
open drain
push-pull
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
floating
pull-up interrupt
open drain
push-pull
Port B
PB6:0
floating
pull-up interrupt
open drain
push-pull
Address
(Hex.)
Register
Label
765
4321
0
0000h
PADR
Reset Value
MSB
11
1
1111
LSB
1
0001h
PADDR
Reset Value
MSB
00
0
0000
LSB
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com