Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 34Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 35Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 36Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 37Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 38Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 39Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 40Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 41Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 159 page
background image
ST7LITE1xB
38/159
INTERRUPTS (Cont’d)
EXTERNAL INTERRUPT CONTROL REGISTER
(EICR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = IS3[1:0] ei3 sensitivity
These bits define the interrupt sensitivity for ei3
(Port B0) according to Table 6.
Bits 5:4 = IS2[1:0] ei2 sensitivity
These bits define the interrupt sensitivity for ei2
(Port B3) according to Table 6.
Bits 3:2 = IS1[1:0] ei1 sensitivity
These bits define the interrupt sensitivity for ei1
(Port A7) according to Table 6.
Bits 1:0 = IS0[1:0] ei0 sensitivity
These bits define the interrupt sensitivity for ei0
(Port A0) according to Table 6.
Notes:
1. These 8 bits can be written only when the I bit in
the CC register is set.
2. Changing the sensitivity of a particular external
interrupt clears this pending interrupt. This can be
used to clear unwanted pending interrupts. Refer
to
section
“External
Interrupt
Function”
on
page 48.
Table 6. Interrupt Sensitivity Bits
EXTERNAL INTERRUPT SELECTION REGIS-
TER (EISR)
Read/Write
Reset Value: 0000 1100 (0Ch)
Bits 7:6 = ei3[1:0] ei3 pin selection
These bits are written by software. They select the
Port B I/O pin used for the ei3 external interrupt ac-
cording to the table below.
External Interrupt I/O pin selection
Note:
1. Reset State
Bits 5:4 = ei2[1:0] ei2 pin selection
These bits are written by software. They select the
Port B I/O pin used for the ei2 external interrupt ac-
cording to the table below.
External Interrupt I/O pin selection
Notes:
1. Reset State
2. PB4 cannot be used as an external interrupt in
HALT mode.
70
IS31
IS30
IS21
IS20
IS11
IS10
IS01
IS00
ISx1 ISx0
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
70
ei31
ei30
ei21
ei20
ei11
ei10
ei01
ei00
ei31
ei30
I/O Pin
0
0
PB0 1)
0
1
PB1
1
0
PB2
ei21
ei20
I/O Pin
0
0
PB3 1)
0
1
PB4 2)
1
0
PB5
1
1
PB6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com