Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 31Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 32Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 33Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 34Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 35Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 36Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 37Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 38Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 159 page
background image
ST7LITE1xB
35/159
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
7.6.4 Register Description
SYSTEM INTEGRITY (SI) CONTROL/STATUS REGISTER (SICSR)
Read/Write
Reset Value: 0110 0xx0 (6xh)
Bit 7 = LOCK32 PLL 32Mhz Locked Flag
This bit is set and cleared by hardware. It is set au-
tomatically when the PLL 32Mhz reaches its oper-
ating frequency
0: PLL32 not locked
1: PLL32 locked
Bits 6:5 = CR[1:0] RC Oscillator Frequency Ad-
justment bits
These bits, as well as CR[9:2] bits in the RCCR
register must be written immediately after reset to
adjust the RC oscillator frequency and to obtain an
accuracy of 1%. Refer to section 7.3 on page 25.
Bit 4 = WDGRF Watchdog Reset flag
This bit indicates that the last Reset was generat-
ed by the Watchdog peripheral. It is set by hard-
ware (watchdog reset) and cleared by software
(reading the SICSR register or writing 0 to this bit)
or by an LVD Reset (to ensure a stable cleared
state of the WDGRF flag when the CPU starts).
Combined with the LVDRF flag information, the
flag description is given by the following table.
Bit 3 = LOCKED PLL Locked Flag
This bit is set and cleared by hardware. It is set au-
tomatically when the PLL reaches its operating fre-
quency.
0: PLL not locked
1: PLL locked
Bit 2 = LVDRF LVD reset flag
This bit indicates that the last Reset was generat-
ed by the LVD block. It is set by hardware (LVD re-
set) and cleared by software (by reading). When
the LVD is disabled by OPTION BYTE, the LVDRF
bit value is undefined.
Bit 1 = AVDF Voltage Detector Flag
This read-only bit is set and cleared by hardware.
If the AVDIE bit is set, an interrupt request is gen-
erated when the AVDF bit is set. Refer to Figure
20 and to Section 7.6.2.1 for additional details.
0: VDD over AVD threshold
1: VDD under AVD threshold
Bit 0 = AVDIE Voltage Detector Interrupt Enable
This bit is set and cleared by software. It enables
an interrupt to be generated when the AVDF flag is
set. The pending interrupt information is automati-
cally cleared when software enters the AVD inter-
rupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
PLL TEST REGISTER (PLLTST)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 : PLLdiv2 PLL clock divide by 2
This bit is read or write by software and cleared by
hardware after reset. This bit will divide the PLL
output clock by 2.
0 : PLL output clock
1 : Divide by 2 of PLL output clock
Refer “Clock Management Block Diagram” on
page 26
Note : Write of this bit will be effective after 2 Tcpu
cycles (if system clock is 8mhz) else 1 cycle (if
system clock is 4mhz) i.e. effective time is 250ns.
Bit 6:0 : Reserved , Must always be cleared
70
LOCK
32
CR1 CR0
WDG
RF
LOCKED LVDRF AVDF AVDIE
RESET Sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X
70
PLLdiv2
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com