Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 67Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 68Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 69Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 70Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 71Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 72Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 73Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 74Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 159 page
background image
ST7LITE1xB
71/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
11.2.4 Low Power Modes
11.2.5 Interrupts
Note: The CMP and AT4 IC events are connected
to the same interrupt vector.
The OVF event is mapped on a separate vector
(see Interrupts chapter).
They generate an interrupt if the enable bit is set in
the ATCSR register and the interrupt mask in the
CC register is reset (RIM instruction).
Mode
Description
WAIT
No effect on AT timer
HALT
AT timer halted.
Interrupt
Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-
Halt
Overflow
Event
OVF1
OVIE1
Yes
No
Yes
AT4 IC Event
ICF
ICIE
Yes
No
No
CMP Event
CMPFx
CMPIE
Yes
No
No
Overflow
Event2
OVF2
OVIE2
Yes
No
No
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com