Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 59Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 60Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 61Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 62Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 63Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 64Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 65Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 66Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 159 page
background image
ST7LITE1xB
63/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
11.2.3.4 Output Compare Mode
To use this function, load a 12-bit value in the
Preload DCRxH and DCRxL registers.
When the 12-bit upcounter CNTR1 reaches the
value stored in the Active DCRxH and DCRxL reg-
isters, the CMPFx bit in the PWMxCSR register is
set and an interrupt request is generated if the
CMPIE bit is set.
In single Timer mode the output compare function
is performed only on CNTR1. The difference be-
tween both the modes is that, in Single Timer
mode, CNTR1 can be compared with any of the
four DCR registers, and in Dual Timer mode,
CNTR1 is compared with DCR0 or DCR1 and
CNTR2 is compared with DCR2 or DCR3.
Notes:
1. The output compare function is only available
for DCRx values other than 0 (reset value).
2. Duty cycle registers are buffered internally. The
CPU writes in Preload Duty Cycle Registers and
these values are transferred in Active Duty Cycle
Registers after an overflow event if the corre-
sponding transfer bit (TRANx bit) is set. Output
compare is done by comparing these active DCRx
values with the counters.
Figure 42. Block Diagram of Output Compare Mode (single timer)
DCRx
OUTPUT COMPARE CIRCUIT
COUNTER 1
(ATCSR)
CMPIE
PRELOAD DUTY CYCLE REG0/1/2/3
ACTIVE DUTY CYCLE REGx
CNTR1
TRAN1
(ATCSR2)
OVF
(ATCSR)
CMPFx (PWMxCSR)
CMP
REQUEST
INTERRUPT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com