Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 108Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 109Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 110Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 111Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 112Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 113Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 114Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 115Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 159 page
background image
ST7LITE1xB
112/159
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions: Suffix 6 Devices
TA = -40 to +85°C unless otherwise specified.
13.3.2 General Operating Conditions: Suffix 3 Devices
TA = -40 to +125°C unless otherwise specified.
Figure 65. fCPU Maximum Operating Frequency Versus VDD Supply Voltage
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 4 MHz. max., TA = 0 to 85°C
2.7
5.5
V
fCPU = 4 MHz. max.,TA = -40 to 85°C
3.0
5.5
fCPU = 8 MHz. max.
3.3
5.5
fCPU
CPU clock frequency
VDD≥3.3V
up to 8
MHz
2.7V
≤V
DD<3.3V
up to 4
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 4 MHz. max., TA = 0 to 125°C
2.7
5.5
V
fCPU = 4 MHz. max.,TA = -40 to 125°C
3.0
5.5
fCPU = 8 MHz. max.
3.3
5.5
fCPU
CPU clock frequency
VDD≥3.3V
up to 8
MHz
2.7V
≤V
DD<3.3V
up to 4
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.0
2.7
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
3.0
FUNCTIONALITY
GUARANTEED IN
THIS AREA ONLY FOR
TA FROM 0°C to TAmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com