Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566BTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 18Page - STMicroelectronics L6566BTR Datasheet HTML 19Page - STMicroelectronics L6566BTR Datasheet HTML 20Page - STMicroelectronics L6566BTR Datasheet HTML 21Page - STMicroelectronics L6566BTR Datasheet HTML 22Page - STMicroelectronics L6566BTR Datasheet HTML 23Page - STMicroelectronics L6566BTR Datasheet HTML 24Page - STMicroelectronics L6566BTR Datasheet HTML 25Page - STMicroelectronics L6566BTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Application information
L6566B
22/51
Note:
When the system operates in valley skipping-mode, uneven switching cycles may be
observed under some line/load conditions, due to the fact that the OFF-time of the MOSFET
is allowed to change with discrete steps of one ringing cycle, while the OFF-time needed for
cycle-by-cycle energy balance may fall in between. Thus one or more longer switching
cycles will be compensated by one or more shorter cycles and vice versa. However, this
mechanism is absolutely normal and there is no appreciable effect on the performance of
the converter or on its output voltage.
If the MOSFET is enabled to turn on but the amplitude of the signal on the ZCD pin is
smaller than the arming threshold for some reason (e.g. a heavy damping of drain
oscillations, like in some single-stage PFC topologies, or when a turn-off snubber is used),
MOSFET’s turn-on cannot be triggered. This case is identical to what happens at start-up:
at the end of the next oscillator cycle the MOSFET will be turned on, and a new switching
cycle will take place after skipping no more than one oscillator cycle.
The operation described so far does not consider the blanking time TBLANK after MOSFET’s
turn off, and actually TBLANK does not come into play as long as the following condition is
met:
Equation 3
where D is the MOSFET duty cycle. If this condition is not met, things do not change
substantially: the time during which MOSFET’s turn-on is inhibited is extended beyond Tosc
by a fraction of TBLANK. As a consequence, the maximum switching frequency will be a little
lower than the programmed value fosc and valley-skipping mode may take place slightly
earlier than expected. However this is quite unusual: setting fosc = 150 kHz, the
phenomenon can be observed at duty cycles higher than 60 %. See Section 5.11: OVP
block on page 35
for further implications of TBLANK.
If the voltage on the COMP pin (9) saturates high, which reveals an open control loop, an
internal pull-up keeps the ZCD pin close to 2 V during MOSFET's OFF-time to prevent noise
from false triggering the detection block. When this pull-up is active, the ZCD pin might not
be able to go below the triggering threshold, which would stop the converter. To allow auto-
restart operation, however ensuring minimum operating frequency in these conditions, the
oscillator frequency that retriggers MOSFET's turn-on is that of the external oscillator
divided by 128. Additionally, to prevent malfunction at converter's start-up, the pull-up is
disabled during the initial soft-start (see the relevant section). However, to ensure a correct
Figure 9.
Drain ringing cycle skipping as the load is gradually reduced
Pin = Pin'
(limit condition)
Pin = Pin'' < Pin'
Pin = Pin''' < Pin''
t
VDS
TFW
Tosc
TV
TON
t
VDS
Tosc
t
VDS
Tosc
osc
BLANK
T
T
1
D
−
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com